PART |
Description |
Maker |
4226 |
E Size, Die Cast Aluminum Box, With Cover And Card Guides
|
Pomona Electronics
|
3751 |
Miniature Size Aluminum Box With Cover BNC Female/Female
|
Pomona Electronics
|
2390 |
Size A Aluminum Box With Cover BNC Female/Female
|
Pomona Electronics
|
3230 |
Size B Aluminum Box With Cover BNC Female/Female
|
Pomona Electronics
|
04820007ZXBF 04820007ZXPF 048200018ZXB 048200018ZX |
Blade Terminal & Special Purpose Fuses 刀片终 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Crimp; Body Material:Aluminum; Series:PT07; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Crimp; Circular Shell Style:Jam Nut Receptacle 刀片终 Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:12; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:12-8 刀片终 Paired Cable; Number of Conductors:16; Conductor Size AWG:24; No. Strands x Strand Size:7 x 32; Jacket Material:Polyvinylchloride (PVC); Number of Pairs:8; Leaded Process Compatible:Yes; Conductor Material:Copper RoHS Compliant: Yes 刀片终 Circular Connector; Body Material:Aluminum Alloy; Series:KPSE06; No. of Contacts:55; Connector Shell Size:22; Connecting Termination:Crimp; Circular Shell Style:Straight Plug; Circular Contact Gender:Pin; Insert Arrangement:22-55 RoHS Compliant: No Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Pin; Insert Arrangement:14-12 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:10; Connector Shell Size:12; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:12; Connector Shell Size:14; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle CONNECTOR ACCESSORY Blade Terminal & Special Purpose Fuses
|
Littelfuse, Inc. LITTELFUSE[Littelfuse]
|
1598ASGYPBK |
Purchased Assembly includes top and bottom cover, front and aluminum panels alloy 5052-H32, SPV coating on one side, 2 cover screws, and 4 rubber feet
|
Hammond Manufacturing Ltd.
|
ATF1502ASV ATF1502ASV-15AI44 ATF1502ASV-15JC44 ATF |
ER 1C 1#8 SKT RECP BOX Circular Connector; MIL SPEC:MIL-C-5015 A/B/C; Body Material:Aluminum Alloy; Series:MS3102; No. of Contacts:8; Connector Shell Size:18-8; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No Highperformance EEPROM CPLD EE PLD, 20 ns, PQCC44
|
Atmel Corp. Atmel, Corp.
|
AM29LV004B-90RECB AM29LV004T-90RECB AM29LV004B-100 |
Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; No. of Contacts:11; Connector Shell Size:18; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle Circular Connector; Body Material:Aluminum; Series:PT02; No. of Contacts:61; Connector Shell Size:24; Connecting Termination:Crimp; Circular Shell Style:Box Mount Receptacle; Circular Contact Gender:Socket; Insert Arrangement:24-61 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:23; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 4兆位12亩8位)CMOS 3.0伏,只引导扇区闪 Circular Connector; MIL SPEC:MIL-C-26482, Series I, Solder; Body Material:Aluminum; Series:PT02; Number of Contacts:26; Connector Shell Size:16; Connecting Termination:Solder; Circular Shell Style:Box Mount Receptacle 4兆位12亩8位)CMOS 3.0伏,只引导扇区闪 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 Circular Connector; No. of Contacts:8; Series:; Body Material:Aluminum; Connecting Termination:Solder; Connector Shell Size:16; Circular Contact Gender:Pin; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:16-8 4兆位12亩8位)的CMOS 3.0伏,只引导扇区闪 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 150 ns, PDSO40 PT02A SERIES (MS3112) GENERAL DUTY BOX MOUNT RECEPTACLES, STRAIGHT BODY STYLE, SOLDER TERMINATION, 16 SHELL SIZE, 16-26 INSERT ARRANGEMENT, RECEPTACLE GENDER, 26 CONTACTS 512K X 8 FLASH 3V PROM, 100 ns, PDSO40 4 Megabit (512 K x 8-Bit) CMOS 3.0 Volt-only Boot Sector Flash Memory 512K X 8 FLASH 3V PROM, 120 ns, PDSO40
|
Advanced Micro Devices, Inc. ADVANCED MICRO DEVICES INC
|
K75-29A K75-48M K75-82 K75-15 K75-80 K75-54 K78-10 |
Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 30x30 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 35V; Case Size: 35x45 mm; Packaging: Bulk FILM AND PAPER-FILM CAPACITORS Aluminum Snap-In Capacitor; Capacitance: 10000uF; Voltage: 35V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 4700uF; Voltage: 35V; Case Size: 25x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 5600uF; Voltage: 35V; Case Size: 22x35 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 680uF; Voltage: 450V; Case Size: 35x50 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 16V; Case Size: 22x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 390uF; Voltage: 450V; Case Size: 30x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 12000uF; Voltage: 35V; Case Size: 25x45 mm; Packaging: Bulk CAPACITOR, 6800UF 35V CAPACITOR, 6800UF 35V; CAPACITANCE:6800UF; VOLTAGE RATING, DC:35V; CAPACITOR DIELECTRIC TYPE:ALUMINIUM ELECTROLYTIC; SERIES:LLS; TEMP, OP. MAX:85(DEGREE C); TEMP, OP. MIN:-40(DEGREE C); TOLERANCE, :20%; RoHS Compliant: Yes Aluminum Snap-In Capacitor; Capacitance: 8200uF; Voltage: 35V; Case Size: 22x45 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 270uF; Voltage: 450V; Case Size: 35x25 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 25x40 mm; Packaging: Bulk Aluminum Snap-In Capacitor; Capacitance: 22000uF; Voltage: 16V; Case Size: 30x30 mm; Packaging: Bulk
|
Electronic Theatre Controls, Inc. List of Unclassifed Manufacturers http://
|
AK402D4-11 AK402D4-31 AK002M4-00 AK002M4-31 AN002M |
GaAs control FET GaAs MMIC Control FET in SOT 143 DC-2.5 GHz 砷化镓微波单片集成电路控制FET的SOT 143DC - 2.5吉赫 GaAs MMIC Control FET in SOT 143 DC-2.5 GHz 砷化镓微波单片集成电路控制FET的SOT 143的DC - 2.5吉赫 Box Mounting Receptacle, Solid Backshell, Circular Connector, 11 Pin Contacts Circular Connector; No. of Contacts:13; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; MIL SPEC:MIL-DTL-38999 Series I; Body Material:Metal; Series:LJT; No. of Contacts:4; Connector Shell Size:11; Connecting Termination:Crimp; Circular Shell Style:Wall Mount Receptacle; Body Style:Straight RoHS Compliant: No Circular Connector; No. of Contacts:7; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-99 RoHS Compliant: No Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27467; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:11; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:11-35 RoHS Compliant: No JT 128C 128#22D PIN WALL RECP LJT 39C 37#20 2#16 SKT PLUG ER 14C 4#16 10#12 PIN RECP BOX ER 9C 6#12 3#8 SKT RECP BOX Circular Connector; No. of Contacts:7; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-99 RoHS Compliant: No Circular Connector; No. of Contacts:6; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-98 RoHS Compliant: No ER 9C 6#12 3#8 PIN RECP BOX Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle; Insert Arrangement:20-3 RoHS Compliant: No MS3102A20-4P RoHS Compliant: No ER 3C 3#12 PIN RECP Circular Connector; No. of Contacts:5; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Pin; Circular Shell Style:Straight Plug; Insert Arrangement:10-5 RoHS Compliant: No Circular Connector; No. of Contacts:13; Series:MS27484; Body Material:Aluminum; Connecting Termination:Crimp; Connector Shell Size:10; Circular Contact Gender:Socket; Circular Shell Style:Straight Plug; Insert Arrangement:10-35 RoHS Compliant: No Circular Connector; No. of Contacts:14; Series:; Body Material:Aluminum Alloy; Connecting Termination:Solder; Connector Shell Size:28; Circular Contact Gender:Socket; Circular Shell Style:Box Mount Receptacle RoHS Compliant: No 8 Channel Power MOSFET Array Monolithic N-channel Enchancement Mode GaAs MMIC Control FET in SOT 143 DC-2.5 GHz
|
Alpha Industries, Inc. Supertex Inc Alpha Industries Inc ALPHA[Alpha Industries] http://
|